|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLP227GA, TLP227GA-2 TOSHIBA Photocoupler Photo Relay TLP227GA, TLP227GA-2 Modem Telecommunications PBXs The Toshiba TLP227GA series consist of a gallium arsenide infrared-emitting diode optically coupled to a photo-MOSFET in a 4-pin DIP or a 8-pin DIP package, and has a peak off-State voltage of 400 V. * * * * * * * Normally off function TLP227GA TLP227GA-2 Peak off-state voltage Trigger LED current On-state current On-state resistance Isolation voltage : DIP4 (1 form A) : DIP8 (2 form A) : 400 V (min) : 3 mA (max) : 120 mA (max) : 35 (max) : 2500 Vrms (min) JEDEC JEITA TOSHIBA TLP227GA 1 4 1 TLP227GA-2 8 Unit: mm 11-5B2 Pin Configuration (top view) Weight: 0.26 g (typ.) 2 1: Anode 2: Cathode 3: Drain 4: Drain 3 2 7 3 6 4 1, 3 : Anode 2, 4 : Cathode 5 : Drain D1 6 : Drain D2 7 : Drain D3 8 : Drain D4 5 JEDEC JEITA TOSHIBA 11-10C4 Weight: 0.54 g (typ.) 1 2002-03-13 TLP227GA, TLP227GA-2 Maximum Rating (Ta = 25C) Characteristic Forward current Forward current derating (Ta > 25C) = Peak forward current (100 ms pulse, 100 pps) Reverse voltage Junction temperature Off-state output terminal voltage TLP227GA On-state current Detector One channel Both channel ION 120 Ma Led Symbol IF DIF/C IFP VR Tj VOFF Rating 50 -0.5 1 5 125 400 Unit mA mA/C A V C V TLP227GA-2 TLP227GA On-state One current channel rating TLP227GA-2 (Ta > 25C) = Both channel Junction temperature DION/C -1.2 mA/C Tj Tstg Topr Tsol BVS 125 -55~125 -40~85 260 2500 C C C C Vrms Storage temperature range Operating temperature range Lead soldering temperature (10 s) Isolation voltage (AC, 1 min., R.H. < 60%) = (Note 1) Note 1: LED pins are shorted together. Detector pins are also shorted together. Recommended Operating Conditions Characteristic Supply voltage Forward current On-state current Operating temperature Symbol VDD IF ION Topr Min 3/4 5 3/4 -20 Typ. 3/4 7.5 3/4 3/4 Max 320 25 100 65 Unit V mA mA C Individual Electrical Characteristics (Ta = 25C) Characteristic Forward voltage Led Reverse current Capacitance Detector Off-state current Capacitance Symbol VF IR CT IOFF COFF IF = 10 mA VR = 5 V V = 0, f = 1 MHz VOFF = 400 V V = 0, f = 1 MHz Test Condition Min 1.0 3/4 3/4 3/4 3/4 Typ. 1.15 3/4 30 3/4 3/4 Max 1.3 10 3/4 1 3/4 Unit V mA pF mA pF 2 2002-03-13 TLP227GA, TLP227GA-2 Coupled Electrical Characteristics (Ta = 25C) Characteristic Trigger LED current On-state resistance Symbol IFT RON Test Condition ION = 120 mA ION = 120 mA, IF = 5 mA Min 3/4 3/4 Typ. 1 18 Max 3 35 Unit mA W Isolation Characteristics (Ta = 25C) Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0 V, f = 1 MHz VS = 500 V, R.H. < 60% = AC, 1 min Isolation voltage BVS AC, 1 s (in oil) DC, 1 min (in oil) Min 3/4 5 10 10 Typ. 0.8 10 14 Max 3/4 3/4 3/4 3/4 3/4 Unit pF W Vrms Vdc 2500 3/4 3/4 3/4 5000 5000 Switching Characteristics (Ta = 25C) Characteristic Turn-on time Turn-off time Symbol tON tOFF Test Condition RL = 200 W VDD = 20 V, IF = 5 mA Min 3/4 (Note 2) 3/4 Typ. 3/4 3/4 Max 1 1 Unit ms Note 2: Switching time test circuit IF TLP227GA 1 2 4 3 RL VDD IF VOUT VOUT 90% 10% tON tOFF IF TLP227GA-2 1 2 8 7 RL VDD VOUT 3 2002-03-13 TLP227GA, TLP227GA-2 IF - Ta 100 280 240 ION - Ta Allowable forward current IF (mA) (mA) On-state current ION 0 20 40 60 80 100 120 80 200 160 120 80 40 60 40 20 0 -20 0 -20 0 20 40 60 80 100 120 Ambient temperature Ta (C) Ambient temperature Ta (C) IF - VF 100 Ta = 25C 200 Ta = 25C IF = 5 mA ION - VON (mA) On-state current ION 10 (mA) 100 0 -100 -200 -3 30 Forward current IF 3 1 0.3 0.1 0.6 0.8 1 1.2 1.4 1.6 1.8 -2 -1 0 1 2 3 Forward voltage VF (V) On-state voltage VON (V) RON - Ta 60 ION = 120 mA IF = 5 mA 5 ION = 120 mA t<1s 4 IFT - Ta (W) t<1s RON IFT Trigger led current 40 (mA) 50 3 On-state resistance 30 2 20 10 1 0 -20 0 20 40 60 80 100 0 -40 -20 0 20 40 60 80 100 Ambient temperature Ta (C) Ambient temperature Ta (C) 4 2002-03-13 TLP227GA, TLP227GA-2 tON, tOFF - IF 3000 Ta = 25C VDD = 20 V RL = 200 W 1000 tON, tOFF - Ta IF = 5 mA VDD = 20 V, RL = 200 W IF = 5 mA (ms) (ms) tON, tOFF tON 1000 500 300 800 tON 600 Switching time tON, tOFF Switching time 400 100 50 30 0.5 1 tOFF 200 tOFF 3 5 10 30 50 100 0 -40 -20 0 20 40 60 80 100 Input current IF (mA) Ambient temperature Ta (C) IOFF - Ta 300 VOFF = 400 V 100 (nA) Off-state current IOFF 30 10 3 1 0.3 0.1 -20 0 20 40 60 80 100 Ambient temperature Ta (C) 5 2002-03-13 TLP227GA, TLP227GA-2 RESTRICTIONS ON PRODUCT USE 000707EBC * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice. 6 2002-03-13 |
Price & Availability of TLP227GA |